Part Number Hot Search : 
AP1122YA A222R R1122 NJM23 13003BC LQ801 29F800 P15N100C
Product Description
Full Text Search
 

To Download QAK2J104KTP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLASTIC FILM CAPACITORS
AKser
Applications
Metallized Polyester Film Capacitor
ies (Tape-wrapped Axial Compact Type)
Non-inductive construction, compact size, metallized film capacitor with axial lead wires. Highly reliable with self-healing property. Minimum loss at high frequency. Tape-wrapped and epoxy endfilled at both leads for superior mechanical strength and humidity resistance. High capacitance value, offering a wide variety of applications. Adapted to the RoHS directive (2002/95/EC).
Filtering DC-blocking, coupling and so on of general communications equipment and use in AC circuits for motor starting, charging / discharging, lighting, etc. Some A.C. applications may cause capacitor failure, over heating of the capacitors and/or discharge may be the result. Please contact us about details for A.C. application.
Specifications
Item Category Temperature Range Rated Voltage Rated Capacitance Range Capacitance Tolerance Dielectric Loss Tangent Insulation Resistance Withstand Voltage Encapsulation Performance Characteristics
- 40 ~ +85C 250, 400, 630VDC 0.1 ~ 10F 5% (J), 10% (K) 1.0% or less (at 1kHz 20C) C < 0.33F : 9000 M or more =
Between Terminals Between Terminals and Coverage Adhesive polyester film, epoxy resin
C > 0.33F : 3000 F or more
Rated Voltage x 175%, 1 ~ 5 secs. Rated Voltage x 200%, 1 ~ 5 secs.
Drawing
T +1.5 -1.0
Type numbering system (Example : 250V 1.5F)
1 2 3 4 5 6 7 8 9 10 11 Configuration (TP:Polyester film, Tinned CP wire) Capacitance tolerance (J : 5% K : 10%) Rated Capacitance (1.5F) H1.5 d 0.05 Rated voltage (250V) Series name Type
QAK 2 E 1 5 5 KTP
35MIN
+2.0 W -1.0
35MIN
Dimensions
V(Code) Cap.(F) 0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0
Code
Unit : mm
250VDC (2E) T W H d T 400VDC (2G) W H d T 4.5 6.0 7.0 6.0 4.0 5.5 6.0 6.5 8.0 8.0 10.5 12.0 15.0 23.0 23.0 23.0 28.0 28.0 33.0 33.0 38.0 38.0 10.5 11.5 14.0 14.5 16.0 18.0 20.0 21.0 24.0 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 1.0 7.5 7.5 9.5 11.5 12.0 15.5 17.0 23.0 23.0 28.0 28.0 28.0 33.0 33.0 39.0 14.0 15.5 15.5 17.5 21.0 21.5 25.0 26.5 0.8 0.8 0.8 0.8 0.8 0.8 0.8 1.0 9.0 9.5 10.0 11.0 14.5 16.5 21.0 630VDC (2J) W 28.0 28.0 28.0 28.0 33.0 38.0 44.0 44.0 50.0 50.0 H 11.0 12.5 15.0 17.0 17.5 19.5 20.5 23.5 26.0 30.0 d 0.8 0.8 0.8 0.8 0.8 1.0 1.0 1.0 1.0 1.0 Size 104 154 224 334 474 684 105 155 225 335 475 685 106
CAT.8100V


▲Up To Search▲   

 
Price & Availability of QAK2J104KTP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X